Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0650 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0650
Description  SKU:DFR0650
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0650 Datasheet(HTML) 1 Page - DFROBOT

  DFR0650 Datasheet HTML 1Page - DFROBOT DFR0650 Datasheet HTML 2Page - DFROBOT DFR0650 Datasheet HTML 3Page - DFROBOT DFR0650 Datasheet HTML 4Page - DFROBOT DFR0650 Datasheet HTML 5Page - DFROBOT DFR0650 Datasheet HTML 6Page - DFROBOT DFR0650 Datasheet HTML 7Page - DFROBOT DFR0650 Datasheet HTML 8Page - DFROBOT DFR0650 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2023/10/12 10:58
DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
1/25
SKU:DFR0650 (https://www.dfrobot.com/product-2017.html?search=DFR0650&description=true)
(https://www.dfrobot.com/product-2017.html?search=DFR0650&description=true)
Introduction
This 0.96"OLED display module uses the SSD1306 drive chip, has 128x64 self-illuminating white pixels, and adopts two communication methods: SPI/ IIC,
IIC in default. With its high contrast, simple wiring and low power consumption, it can be applied to many display applications, such as wearable display
devices, Mini small game consoles, desktop widgets, etc.
This 0.96" OLED display module supports both 3.3V and 5V. The display module adopts a high-contrast, low-power OLED display. It is compatible with
controllers such as Arduino UNO, Leonardo, ESP32/ESP8266, FireBettle-M0 and so on. Internal power-on reset processing, IIC communication methods,
so that your welding line will be more convenient and simpler. Power-on reset is supported, so the Res pin is not elicited. This is a Breakout display
module that fits perfectly with the breadboard when you weld the pin. If you want to change IIC communication to SPI, you just need to change the 0Ohm
resistor position.


Similar Part No. - DFR0650

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0654 DFROBOT-DFR0654 Datasheet
7Mb / 122P
Compatible with DFRobot FireBeetle V2 Series
DFR0654-F DFROBOT-DFR0654-F Datasheet
1Mb / 6P
FireBeetle 2 ESP32-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com