Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0650 Datasheet(PDF) 21 Page - DFROBOT

Part # DFR0650
Description  SKU:DFR0650
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0650 Datasheet(HTML) 21 Page - DFROBOT

Back Button DFR0650 Datasheet HTML 17Page - DFROBOT DFR0650 Datasheet HTML 18Page - DFROBOT DFR0650 Datasheet HTML 19Page - DFROBOT DFR0650 Datasheet HTML 20Page - DFROBOT DFR0650 Datasheet HTML 21Page - DFROBOT DFR0650 Datasheet HTML 22Page - DFROBOT DFR0650 Datasheet HTML 23Page - DFROBOT DFR0650 Datasheet HTML 24Page - DFROBOT DFR0650 Datasheet HTML 25Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
2023/10/12 10:58
DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
21/25
*/
//U8G2_SSD1306_128X64_NONAME_1_HW_I2C u8g2(/* rotation=*/U8G2_R0, /* reset=*/ U8X8_PIN_NONE);
//
M0/ESP32/ESP8266/mega2560/Uno/Leona
U8G2_SSD1306_128X64_NONAME_1_4W_HW_SPI u8g2(/* rotation=*/U8G2_R0, /* cs=*/ 10, /* dc=*/ 9);
//2D array: The coordinates of all vertices of the tetrahesome are stored
double tetrahedron[4][3] = {{0,30,-30},{-30,-30,-30},{30,-30,-30},{0,0,30}};
void setup(void) {
u8g2.begin();
}
void loop(void) {
u8g2.firstPage();
do {
//Connect the corresponding points inside the tetrahethal together
u8g2.drawLine(OxyzToOu(tetrahedron[0][0], tetrahedron[0][2]), OxyzToOv(tetrahedron[0][1], tetrahedron[0][2]), OxyzToOu(tetrahedron[1
u8g2.drawLine(OxyzToOu(tetrahedron[1][0], tetrahedron[1][2]), OxyzToOv(tetrahedron[1][1], tetrahedron[1][2]), OxyzToOu(tetrahedron[2
u8g2.drawLine(OxyzToOu(tetrahedron[0][0], tetrahedron[0][2]), OxyzToOv(tetrahedron[0][1], tetrahedron[0][2]), OxyzToOu(tetrahedron[2
u8g2.drawLine(OxyzToOu(tetrahedron[0][0], tetrahedron[0][2]), OxyzToOv(tetrahedron[0][1], tetrahedron[0][2]), OxyzToOu(tetrahedron[3
u8g2.drawLine(OxyzToOu(tetrahedron[1][0], tetrahedron[1][2]), OxyzToOv(tetrahedron[1][1], tetrahedron[1][2]), OxyzToOu(tetrahedron[3
u8g2.drawLine(OxyzToOu(tetrahedron[2][0], tetrahedron[2][2]), OxyzToOv(tetrahedron[2][1], tetrahedron[2][2]), OxyzToOu(tetrahedron[3
// Rotate 0.1°
rotate(0.1);
} while ( u8g2.nextPage() );
//delay(50);
}
/*
!
* @brief Convert xz in the three-dimensional coordinate system Oxyz
* into the u coordinate inside the two-dimensional coordinate system Ouv
* @param x in Oxyz
* @param z in Oxyz
* @return u in Ouv
*/
int OxyzToOu(double x,double z){
return (int)((x + 64) - z*0.35);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com