Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8216YRZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8216YRZ-R7
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216YRZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8216YRZ-R7 Datasheet HTML 1Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 2Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 3Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 4Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8216
Rev. C | Page 3 of 16
SPECIFICATIONS
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Initial
3
V/V
Accuracy
VOUT ≥ 0.1 V dc, 25°C
±0.25
%
Accuracy Over Temperature
Specified temperature range
±0.4
%
Gain vs. Temperature
10
15
ppm/°C
VOLTAGE OFFSET
Offset Voltage, RTI
25°C
±0.5
mV
Over Temperature, RTI
Specified temperature range
±3
mV
Offset Drift
±10
±20
µV/°C
INPUT
Input Impedance
Differential
400
kΩ
Common Mode
200
kΩ
Input Voltage Range
Common mode, continuous
−4
+65
V
Differential, VREF1 and VREF2 tied to GND
1.6
V
Differential, VREF1 @ GND and VREF2 @ 5 V
−800
+800
mV
Common-Mode Rejection
25°C, f = dc to 20 kHz1
80
90
dB
Operating temperature range, f = dc to 20 kHz1
80
90
dB
OUTPUT
Output Voltage Range
RL = 25 kΩ
0.06
4.9
V
Output Resistance
200
Ω
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
3
MHz
Slew Rate
15
V/µs
Propagation Delay
Input-to-output response
100
150
ns
NOISE
0.1 Hz to 10 Hz, RTI
20
µV p-p
Spectral Density, 1 kHz, RTI
0.5
µV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy2
Divider to supplies
0.499
0.501
V/V
Accuracy, RTO
Voltage applied to VREF1 and VREF2 in parallel
±0.5
mV/V
Output Offset Adjustment Range
VS = 5 V
0.06
4.9
V
VREF Input Voltage Range
0.0
VS
V
VREF Divider Resistor Values
24
32
40
kΩ
POWER SUPPLY
Operating Range
4.5
5.5
V
Quiescent Current Over Temperature
VOUT = 0.1 V dc
1
2
mA
Power Supply Rejection Ratio
70
dB
TEMPERATURE RANGE
For Specified Performance
Operating temperature range
−40
+125
°C
1
Source imbalance < 2 Ω.
2
The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com