Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8216YRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8216YRZ-R7
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216YRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8216YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 9Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 10Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 11Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 12Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 13Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 14Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 15Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8216
Data Sheet
Rev. C | Page 12 of 16
EXTERNAL REFERENCED OUTPUT
Tying both pins together and to a reference produces an output
equal to the reference voltage when there is no differential input
(see Figure 26). The output moves down from the reference
voltage when the input is negative, relative to the −IN pin, and
up when the input is positive, relative to the −IN pin.
AD8216
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
2.5V VOLTAGE
REFERENCE
Figure 26. External Referenced Output
SPLITTING THE SUPPLY
By tying one reference pin to V+ and the other to the ground
pin, the output is set at half of the supply when there is no
differential input (see Figure 27). The benefit is that no external
reference is required to offset the output for bidirectional current
measurement. This configuration creates a midscale offset that is
ratiometric to the supply, which means that if the supply increases
or decreases, the output remains at half the supply. For example, if
the supply is 5.0 V, the output is at half scale or 2.5 V. If the supply
increases by 10% (to 5.5 V), the output goes to 2.75 V.
AD8216
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 27. Split Supply
SPLITTING AN EXTERNAL REFERENCE
In this case, an external reference is divided by 2 with an
accuracy of approximately 0.5% by connecting one VREF pin to
ground and the other VREF pin to the reference (see Figure 28).
AD8216
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
5V
VOLTAGE
REFERENCE
Figure 28. Split External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com