Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8216YRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8216YRZ-R7
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216YRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8216YRZ-R7 Datasheet HTML 1Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 2Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 3Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 4Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Bandwidth, Bidirectional
65 V Difference Amplifier
Data Sheet
AD8216
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
±4000 V HBM ESD
Ideal for current shunt applications
High common-mode voltage range
−4 V to +65 V operating
−40 V to +80 V survival
3 MHz bandwidth
<100 ns output propagation delay
Gain: 3 V/V
Wide operating temperature range
Die: −40°C to +150°C
8-lead SOIC: −40°C to +125°C
Adjustable output offset
Available in 8-lead SOIC
Excellent ac and dc performance
10 µV/°C offset drift
10 ppm/°C gain drift
Qualified for automotive applications
APPLICATIONS
High-side current sensing in
DC-to-dc converters
Motor controls
Transmission controls
Diesel-injection controls
Engine management
Suspension controls
Vehicle dynamic controls
FUNCTIONAL BLOCK DIAGRAM
AD8216
8
1
4
2
3
7
5
6
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 1.
GENERAL DESCRIPTION
The AD8216 is a single-supply, difference amplifier ideal for
amplifying small differential voltages in the presence of large
common-mode voltages. The operating input common-mode
voltage range extends from −4 V to +65 V. The typical supply
voltage is 5 V. The AD8216 features a 3 MHz bandwidth,
allowing for the input-to-output propagation delay that is
always less than 150 ns. This feature is ideal for applications
monitoring rapidly increasing and decreasing load currents.
The AD8216 is offered in a SOIC package. The operating
temperature range is −40°C to +125°C.
Excellent ac and dc performance over temperature keep errors
in the measurement loop to a minimum. Offset and gain drift
are guaranteed to a maximum of 20 µV/°C and 15 ppm/°C,
respectively.
The output offset can be adjusted from 0.06 V to 4.9 V with a
5 V supply by using the VREF1 pin and the VREF2 pin. With the
VREF1 pin attached to the V+ pin and the VREF2 pin attached to
the GND pin, the output is set at half scale. Attaching both VREF1
and VREF2 to GND causes the output to be unipolar, starting
near ground. Attaching both VREF1 and VREF2 to V+ causes the
output to be unipolar, starting near V+. Other offsets can be
obtained by applying an external voltage to VREF1 and VREF2.


Similar Part No. - AD8216YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8216YRZ-R7 AD-AD8216YRZ-R7 Datasheet
429Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
More results

Similar Description - AD8216YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
441Kb / 16P
Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
AD8216 AD-AD8216_15 Datasheet
377Kb / 16P
High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. B
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com