Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8216YRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8216YRZ-R7
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216YRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8216YRZ-R7 Datasheet HTML 2Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 3Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 4Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 9Page - Analog Devices AD8216YRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8216
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
500
–500
–400
–300
–200
–100
0
100
200
300
400
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 4. Typical Offset Drift
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 5. CMRR vs. Frequency
1500
–1500
–1300
–1100
–900
–700
–500
–300
–100
100
300
500
700
900
1100
1300
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 6. Typical Gain Drift
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–55
–50
–60
10k
10M
1M
100k
FREQUENCY (Hz)
Figure 7. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
TIME (200ns/DIV)
OUTPUT (500mV/DIV)
INPUT (200mV/DIV)
Figure 8. Rise Time
TIME (200ns/DIV)
OUTPUT (500mV/DIV)
INPUT (200mV/DIV)
Figure 9. Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com