Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX1S1P950 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEX1S1P950
Description  PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1S1P950 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEX1S1P950 Datasheet HTML 1Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 2Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 3Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industry Standards
PCI Express 2.0
IEEE 1284
RS-232
Chipset ID
Asix - AX99100
Performance
Maximum Data Transfer
Rate
Serial - 921.6Kbps
Parallel - 2.5Mbps
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Data Bits
5, 6, 7, 8, 9
FIFO
256 Bytes
Flow Control
None, Xon/Xoff, RTS/CTS
Parity
None, Odd, Even, Space, Mark
Stop Bits
1, 1.5, 2
MTBF
3,188,058 hours
Connector(s)
Connector Type(s)
1 - PCI Express x1
External Ports
1 - DB-25 (25 pin, D-Sub)
1 - DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019
Linux 2.4.x and up - <i>LTS Versions only</i>
Microsoft WHQL Certified
Yes
Environmental
Operating Temperature
-40C to 85C (-40F to 185F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com