Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX1S1P950 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEX1S1P950
Description  PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1S1P950 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEX1S1P950 Datasheet HTML 1Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 2Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 3Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel
Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
Product ID: PEX1S1P950
This PCIe Parallel and Serial Combo Card installs into a single PCI-Express x1 slot in your computer, and adds a
DB25 IEEE 1284 parallel port and DB9 RS 232 serial port to your system. The PEX1S1P950 is the latest version of
our popular PEX1S1P952 combo card.
The controller card features an Asix AX99100 chip and enables you to connect a DB25 device to your desktop
computer. The parallel port is ideal for connecting printers, scanners, plotters, point-of-sale terminals, PLCs, scientific
sensors, medical equipment or oscilloscopes. The card can also be used in factories, to control or automate
equipment. The parallel (LPT) port supports SPP/Byte/Nibble/ECP modes and is compatible with PCI Power
Management 1.2 and IEEE 1284 for speeds up to 2.5Mbps.
The Asix AX99100 chip also enables you to connect a DB9 device using the same controller card, compatible with
industry standard 16950 UART. The serial port is ideal for connecting point of sale terminals, serial printers, PLCs,
control/automation in factories, scientific sensors, medical equipment, scanners and oscilloscopes. The serial (COM)
port supports bi-directional RS232 speeds up to 921.6Kbps per port, available 256 byte FIFO buffer & 9th data bit.
The card also features an optional SATA power input that enables you to add power to pin 9 on the serial port, and
adjust the power output between 5V and 12V using a jumper on the PCB.
This add-on card installs in a full/standard-profile PCIe 2.0 x1 slot (backward compatible with PCIe 1.1). For wide
platform support the card is compatible with Windows (7 or higher), Windows Server (2003 or higher), and Linux
(kernel versions 2.4.x and up - LTS Versions only).
PEX1S1P950 is backed by a StarTech.com lifetime warranty with free 24/5 multi-lingual North American based
technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility


Similar Part No. - PEX1S1P950

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX1S953LP STARTECH-PEX1S953LP Datasheet
178Kb / 5P
1-Port RS232 Serial Adapter Card with 16950 UART
More results

Similar Description - PEX1S1P950

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
logo
PLX Technology
OXPCIE840 PLX-OXPCIE840 Datasheet
153Kb / 2P
PCI Express to Parallel Port
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
logo
Molex Electronics Ltd.
1120205018 MOLEX11-1120205018 Datasheet
1,004Kb / 6P
applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
logo
Tripp Lite. All Rights ...
PCE-1G-01 TRIPPLITE-PCE-1G-01 Datasheet
488Kb / 2P
1-Port Gigabit Ethernet (GbE) PCI Express (PCIe) Card, Full Profile
PCE-1G-01-LP TRIPPLITE-PCE-1G-01-LP Datasheet
501Kb / 2P
1-Port Gigabit Ethernet (GbE) PCI Express (PCIe) Card, Low Profile
PCE-D9-04-CBL TRIPPLITE-PCE-D9-04-CBL Datasheet
505Kb / 2P
4-Port DB9 (RS-232) Serial PCI Express (PCIe) Card with Breakout Cable, Full Profile
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
logo
Coolgear Inc.
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com