Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX1S1P950 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEX1S1P950
Description  PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1S1P950 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEX1S1P950 Datasheet HTML 1Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 2Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 3Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect printers, scanners, plotters, point-of-sale terminals, PLCs, scientific sensors, medical equipment or
oscilloscopes to your computer via the added parallel port
• Use in factories to control or automate equipment
Features
• PCIe CARD WITH SERIAL & PARALLEL PORT: Using a x1 PCIe 2.0 slot, add a DB25 parallel & a DB9 RS232 port
to your computer; Card installs in full/standard profile PCIe slot; Latest version of our popular PEX1S1P952
• TECH SPECS: Parallel Speeds up to 2.5Mbps Supports SPP/Byte/ECP modes Compatible with IEEE 1284 Asix
AX99100 chip RS232 speeds up to 921.6Kbps 16C950 UART 256 byte FIFO buffer
• VERSATILE APPLICATIONS: PCIe expansion combo card adds LPT Printer & COM serial ports working with
printers, scanners, plotters, point of sale terminals, PLCs, control/automation in factories, scientific sensors, medical
equipment, oscilloscope
• WIDE COMPATABILITY: PCI Express RS232 serial/parallel adapter card is compliant with PCI-E Base Spec. Rev.
2 & PCI Power Mgmt 1.2; Windows (7 and up) Windows Server (2003 and up) and Linux (2.4 and up); Auto IRQ & IO
assignment; Supports IRQ Sharing
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; These PCIe Parallel & Serial port
controller card is backed for life by StarTech.com, including free 24/5 North America based multi-lingual tech support
Hardware
Warranty
Lifetime
Ports
2
Interface
PCI Express
Bus Type
Parallel
Serial
Card Type
Standard Profile
Port Style
Integrated on Card



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com