Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX1S1P950 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEX1S1P950
Description  PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1S1P950 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEX1S1P950 Datasheet HTML 1Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 2Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 3Page - StarTech.com Ltd. PEX1S1P950 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Storage Temperature
-40C to 85C (-40F to 185F)
Humidity
15~90% RH
Physical
Characteristics
Color
Red
Product Length
3.1 in [8.0 cm]
Product Width
3.7 in [9.5 cm]
Product Height
0.9 in [2.2 cm]
Weight of Product
2.2 oz [61.0 g]
Packaging
Information
Package Quantity
1
Package Length
5.6 in [14.2 cm]
Package Width
6.7 in [17.0 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
4.4 oz [126.0 g]
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com