Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB311AC3 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB311AC3
Description  2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB311AC3 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB311AC3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hardware
Warranty
2 Years
Ports
2
Interface
PCI Express x4
Bus Type
PCI Express
Card Type
Standard Profile (LP bracket incl.)
Industry Standards
USB 3.2 Specifications
PCI Express Base 3.0 Specifications
Intel xHCI Specification Rev. 1.1
Chipset ID
ASMedia - ASM3142
Performance
Maximum Data Transfer
Rate
10Gbps
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
MTBF
2,684,396 Hours
Connector(s)
Connector Type(s)
1 - PCI Express x4
Internal Ports
1 - SATA Power (15 pin)
External Ports
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
1 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
Windows Server 2008 R2, 2012, 2016, 2019
Linux 3.5 and up - <i>LTS Versions only</i>
macOS 12.0, 11.0, 10.15, 10.14, 10.13
Microsoft WHQL Certified
Yes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com