Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB311AC3 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB311AC3
Description  2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB311AC3 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB311AC3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller
Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
Product ID: PEXUSB311AC3
This USB 3.1 Gen 2 card lets you add one USB-C port and one USB-A port to your computer, through a PCI Express
slot. It enables you to upgrade your current system by adding two USB 3.1 Gen 2 ports to your computer and giving
you access to data transfer speeds up to 10Gbps per port. USB 3.1 Gen 2 (also known as USB 3.2 Gen 2x1) PCIe
Add-On card supports Multiple INs, maintains optimal bandwidth even when mixed speed devices are connected.
Plus, by adding one USB-C and one USB-A port to your PC, you can easily connect legacy, modern, and future USB
devices, regardless of the USB connector type.
By adding 10Gbps USB ports to your computer, you can harness the speed of USB 3.1 Gen 2 and rest assured
you're ready for both current and future high-bandwidth USB-A and USB-C devices.
With higher data throughput support, this USB 3.1 PCIe card is a necessity for external drives, drive enclosures, and
many other USB 3.1 peripherals. Plus, the expansion card with SATA power enables supplemental power to the USB
ports (when motherboard power is insufficient) providing up to 5V 3A/15W via the USB-C port and 5V 0.9A/4.5W via
the USB-A port. The card is ideal for use with high performance external storage solutions.
Connecting older peripherals isn't a problem. This versatile dual-port USB 3.1 card is backward compatible with
legacy USB 3.0/2.0 devices that use the common USB Type-A port, so you can eliminate the added expense and
aggravation of purchasing new devices. You can also connect older devices on the USB Type-C port using a variety
of USB-C cables and adapters.
The USB 3.1 card is compatible with a broad range of Windows, macOS and Linux operating systems. Plus, the
high-quality card includes both standard-profile and low-profile brackets, making it easy to install in full or small
form-factor PCs and servers.
The card supports USB data transfer speeds of 10Gbps. But, you can experience transfer speeds up to 70% faster
than conventional USB, when connected to a computer that also supports UASP. With UASP you can utilize the full
potential of a SATA III SSD or HDD. UASP is supported in Windows 8, macOS (10.8 or above), and Linux.
In testing, UASP performs with a 70% faster read speed and 40% faster write speed over traditional USB 3.1 Gen 2


Similar Part No. - PEXUSB311AC3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
PEXUSB314A2V2 STARTECH-PEXUSB314A2V2 Datasheet
158Kb / 4P
4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
More results

Similar Description - PEXUSB311AC3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U420-003-G2 TRIPPLITE-U420-003-G2 Datasheet
164Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) (M/M), 3 ft.
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com