Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB311AC3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB311AC3
Description  2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB311AC3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB311AC3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
at peak performance.
At the same peak in testing, UASP also shows an 80% reduction in required processor resources.
The PEXUSB311AC3 is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Upgrade an older PCIe equipped desktop from USB 3.0/2.0 to USB 3.1 Gen 2 (10Gbps)
• Expand the USB capabilities of your system by adding one USB-C port and one USB-A port, or install the card as a
vital hardware component when building a new PC
• Ideal for file backups, video editing, and data recovery, using high-bandwidth USB 3.1 Gen 2 external storage
solutions
Features
• HIGH PERFORMANCE: USB 3.1 Gen 2 or USB 3.2 Gen 2x1 PCIe Add-On card supports Multiple INs, maintains
max bandwidth even when mixed speed devices are connected; 10Gbps per port; 1x USB-A & 1x USB-C Upgraded
version of our popular card PEXUSB311AC2
• POWER: Expansion card w/ SATA power supplies supplemental power to the USB ports (when motherboard power
is insufficient) providing up to 5V 3A/15W via the USB-C port & 5V 0.9A/4.5W via the USB-A port
• MAX PERFORMANCE WITH USB DEVICES: 2-port USB-A & USB-C PCIe card adapter supports USB Attached
SCSI Protocol (UASP) optimizing USB performance w/ external storage devices like SSDs, HDDs, NVMe drives
• COMPATIBILITY: Installs in full or low-profile PCIe 3.0 x4 desktop/server slot (lower performance w/PCI-e 2.0);
Windows/Linux/macOS auto driver install (Windows 8 & up); Works with USB 3.2/3.1/3.0/2.0
• THE STARTECH.COM ADVANTAGE: StarTech.com offers a 2-year warranty & free lifetime 24 hour support on this
dual port USB-A & USB-C PCI Express Host Controller card w/ full & low profile bracket incl.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com