Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB311AC3 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB311AC3
Description  2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB311AC3 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB311AC3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB311AC3 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Special Notes /
Requirements
System and Cable
Requirements
PCI Express enabled computer or server with a PCI Express x4
slot or higher (x8, x16)
Optional SATA power connector
Note
The card's USB-C port is a standard data throughput port. It
does not support DP Alt Mode or USB Power Delivery
The maximum throughput of this card is limited by the bus
interface
Environmental
Operating Temperature
5C to 50C (41F to 122F)
Storage Temperature
-20C to 85C (-4F to 185F)
Humidity
20~80% RH
Physical
Characteristics
Color
Red
Material
Steel
Product Length
4.7 in [12.0 cm]
Product Width
3.2 in [8.1 cm]
Product Height
0.7 in [1.9 cm]
Weight of Product
1.7 oz [48.0 g]
Packaging
Information
Package Quantity
1
Package Length
5.6 in [14.2 cm]
Package Width
6.7 in [17.0 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
0.3 lb [0.1 kg]
What's in the Box
Included in Package
1 - USB 3.1 Card



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com