Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB314A2V2 Datasheet (PDF) - StarTech.com Ltd.

PEXUSB314A2V2 Datasheet PDF - StarTech.com Ltd.
Part # PEXUSB314A2V2
Download  PEXUSB314A2V2 Download
File Size   158.55 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux

PEXUSB314A2V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEXUSB314A2V2 Datasheet PDF - StarTech.com Ltd.

Part # PEXUSB314A2V2
Download  PEXUSB314A2V2 Click to download

File Size   158.55 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux

PEXUSB314A2V2 Datasheet (HTML) - StarTech.com Ltd.


PEXUSB314A2V2 Product details

Applications
• Connect high-performance devices like NVMe drives and SSDs

Features
• HIGH PERFORMANCE: USB PCIe card with 4x USB-A ports up to SuperSpeed 10Gbps per port; Dual ASM3142
controllers with up to 20Gbps total bandwidth across 4 ports; USB 3.1 Gen 2/USB 3.2 Gen 2x1; Upgraded version of
our popular USB card PEXUSB314A2V
• MAXIMIZED USB PERFORMANCE: Multiple INs support for max bandwidth when using mixed-speed devices;
USB Attached SCSI Protocol (UASP) for storage device, like SSDs, HDDs, NVMe drives and thumb drives
• POWER: USB PCI Express expansion card with SATA power header has the option to provide supplemental power
to the USB ports (if motherboard power is insufficient) providing up to 4.5W (5V@0.9A) per USB-A port
• COMPATIBILITY: USB PCIe adapter card for desktop PC installs in standard profile PCI-e 2.0 x4 slot; Supports
Windows/Linux/macOS with auto driver install on Windows 8 & up; Works w/USB 3.0/2.0 devices
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-A PCIe add-on card is
backed for life by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - PEXUSB314A2V2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results


Similar Description - PEXUSB314A2V2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24U2U3-AE ADVANTECH-PCM-24U2U3-AE Datasheet
239Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Advantech Co., Ltd.
PCM-24U2U3-BE ADVANTECH-PCM-24U2U3-BE Datasheet
342Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
10-Jul-2019
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com