Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB314A2V2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB314A2V2
Description  4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB314A2V2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB314A2V2 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industry Standards
USB 3.1 Specification Rev. 1.0USB Specification Rev. 2.0PCI
Express Base Specification Rev. 2.0Intel xHCI Specification Rev.
1.1UASP (USB Attached SCSI Protocol) Rev. 1.0
Chipset ID
ASMedia - ASM3142
ASMedia - ASM1812
Performance
Total USB Power Output
4.5W (5V @ 0.9A) nominal, per port - Ports trip before 2.1A
(10.5W) for Over-Current Protection
Maximum Data Transfer
Rate
10Gbps per port
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
MTBF
40,000 Hours
Connector(s)
Connector Type(s)
1 - PCI Express x4
Internal Ports
1 - SATA Power (15 pin)
External Ports
4 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
Windows Server 2012 R2, 2016, 2019
macOS 10.13 to 10.15, 11.0, 12.0
Linux 3.5 and up - <i>LTS Versions only</i>
Special Notes /
Requirements
System and Cable
Requirements
PCI Express enabled computer or server with a PCI Express x4
slot or higher (x8, x16)
Optional SATA power connector
Note
This card can share up to 20Gbps of bandwidth (up to 10Gbps,
per port). However, the maximum throughput of the card is
limited by the maximum throughput of the PCI-Express interface
it's connected through
The available bandwidth (10Gbps) is shared equally between the
two ports.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com