Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB314A2V2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB314A2V2
Description  4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB314A2V2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB314A2V2 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect high-performance devices like NVMe drives and SSDs
Features
• HIGH PERFORMANCE: USB PCIe card with 4x USB-A ports up to SuperSpeed 10Gbps per port; Dual ASM3142
controllers with up to 20Gbps total bandwidth across 4 ports; USB 3.1 Gen 2/USB 3.2 Gen 2x1; Upgraded version of
our popular USB card PEXUSB314A2V
• MAXIMIZED USB PERFORMANCE: Multiple INs support for max bandwidth when using mixed-speed devices;
USB Attached SCSI Protocol (UASP) for storage device, like SSDs, HDDs, NVMe drives and thumb drives
• POWER: USB PCI Express expansion card with SATA power header has the option to provide supplemental power
to the USB ports (if motherboard power is insufficient) providing up to 4.5W (5V@0.9A) per USB-A port
• COMPATIBILITY: USB PCIe adapter card for desktop PC installs in standard profile PCI-e 2.0 x4 slot; Supports
Windows/Linux/macOS with auto driver install on Windows 8 & up; Works w/USB 3.0/2.0 devices
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-A PCIe add-on card is
backed for life by StarTech.com, including free 24/5 North America based multi-lingual tech support
Hardware
Warranty
Lifetime
Ports
4
Interface
PCI Express
Bus Type
USB 3.2 Gen 2 10Gbps
Card Type
Standard Profile
Port Style
Integrated on Card



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com