Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB314A2V2 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB314A2V2
Description  4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB314A2V2 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB314A2V2 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Environmental
Operating Temperature
5C to 50C (41F to 122F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
20% ~ 80% RH
Physical
Characteristics
Color
Black
Product Length
4.7 in [12.0 cm]
Product Width
5.9 in [15.0 cm]
Product Height
0.7 in [1.9 cm]
Weight of Product
4.4 oz [125.0 g]
Packaging
Information
Package Quantity
1
Package Length
5.7 in [14.4 cm]
Package Width
8.1 in [20.7 cm]
Package Height
1.5 in [3.8 cm]
Shipping (Package)
Weight
6.4 oz [180.0 g]
What's in the Box
Included in Package
1 - USB 3.1 Card
1 - Quick-Start Guide
1 - Full Profile Bracket (Installed)
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com