Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB314A2V2 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB314A2V2
Description  4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2 Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB314A2V2 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB314A2V2 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB314A2V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-Port USB PCIe Card - 10Gbps USB 3.1/3.2 Gen 2 Type-A PCI Express Expansion Card with 2
Controllers - 4x USB-A - USB PCIe Add-On Adapter Card - Windows/Mac/Linux
Product ID: PEXUSB314A2V2
This PCIe USB 3.2 Gen 2 controller card installs into an available PCI-Express x4 slot in your computer and enables
you to upgrade your current system by adding four SuperSpeed USB-A (10Gbps) ports. The card features dual
ASM3142 controllers with up to 20 Gbps of total bandwidth shared across all 4 ports.
The controller card enables you to connect four USB-A Gen 2 (10 Gbps) devices to your desktop computer. The
USB-A ports are ideal for connecting USB devices such as external hard drives and solid state drives or powering
and syncing your mobile devices. The USB-A ports provides up to 4.5W (5V/0.9A) of power per USB port, and are
backward compatible with USB 3.2 Gen 1 (5 Gbps), and USB 2.0 (480 Mbsp) devices.
Note: USB 3.2 Gen 2 (10 Gbps) is also know as USB 3.1 Gen 2 (10 Gbps), and USB 3.2 Gen 1 (5 Gbps) is also
know as USB 3.0 and USB 3.1 (5 Gbps).
The USB 3.2 Gen 2 card features dual ASMedia ASM3142 host controllers that utilizes x4 lanes of the PCIe 2.0 bus,
making the card capable of speeds up to 10 Gbps on each port, and enabling fast access to high-performance
devices like NVMe drives and SSDs. The controller cards support Multiple INs to reduce bandwidth loss when
multiple devices are connected, even when connected through a USB Hub (Note: The USB hub must also support
this feature). The card also supports UASP for improved performance with storage devices.
This add-on card includes a full-profile installation bracket ensuring you can install it into full-profile PCIe 2.0 x4 slots.
For wide platform support the card is compatible with Windows, Linux and macOS. For hassle-free installation the
drivers install automatically on computers running Windows 8 or higher. Works w/USB 3.1/3.0/2.0 devices
PEXUSB314A2V2 is backed by a StarTech.com lifetime warranty and free 24/5 multi-lingual North American based
technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility


Similar Part No. - PEXUSB314A2V2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results

Similar Description - PEXUSB314A2V2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24U2U3-AE ADVANTECH-PCM-24U2U3-AE Datasheet
239Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Advantech Co., Ltd.
PCM-24U2U3-BE ADVANTECH-PCM-24U2U3-BE Datasheet
342Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
10-Jul-2019
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com