Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A2C2V Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB312A2C2V
Description  4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A2C2V Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB312A2C2V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; These thisUSB-A & USB-C combo PCI
Express Host Controller card is backed for 2-years by StarTech.com, including free 24/5 North America based
multi-lingual tech support
Hardware
Warranty
2 Years
Ports
4
Interface
PCI Express
Bus Type
USB 3.2 Gen 2 10Gbps
PCI Express
Card Type
Standard Profile
Port Style
Integrated on Card
Industry Standards
PCI Express Base Specification Rev. 3.0
USB 3.2 Specifications
UASP (USB Attached SCSI Protocol) Rev. 1.0
Chipset ID
ASMedia - ASM3142
ASMedia - ASM2806
Performance
Total USB Power Output
USB-C Power Output - 15W
USB-A Power Output - 4.5W
Maximum Data Transfer
Rate
10Gbps
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
MTBF
1,677,495 Hours
Connector(s)
Connector Type(s)
1 - PCI Express x4
Internal Ports
1 - SATA Power (15 pin)
External Ports
2 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com