Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A2C2V Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB312A2C2V
Description  4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A2C2V Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB312A2C2V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USB 3.0 is also known as USB 3.2 Gen 1x1 (5Gbps) and USB 3.1 Gen 1 (5Gbps).
The PEXUSB312A2C2V is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Note: The card does not support DP alt mode or USB Power Delivery.
Certifications, Reports and Compatibility
Applications
• Expand the USB capabilities of your system with two USB-C ports and two USB-A ports, or install the card as a vital
hardware component when building a new PC
• Upgrade an older PCIe equipped desktop from USB 5Gbps/480Mbps to USB 10Gbps with 2x Type-A and 2x
Type-C
• Ideal for file backups, video editing, and data recovery, using high-bandwidth USB 10Gbps external storage
solutions
Features
• HIGH PERFORMANCE: 4 Port USB PCIe card with dual ASM3142 controllers with up to 20Gbps total bandwidth
across 4 ports; 2x USB-A (10Gbps) 2x USB-C (10Gbps) hub; Supports USB 3.1 Gen 2/USB 3.2 Gen 2x1
• TRANSFER SPEEDS UP TO 10Gbps: USB-A & USB-C PCIe card adapter supports Multiple INs maintaining max
bandwidth with mixed speed devices; UASP support; ideal for use with USB devices & external storage like SSDs,
HDDs, NVMe drives; Works w/ USB 3.1/3.0/2.0
• OPTIONAL POWER: USB PCIe expansion card with SATA power supplies supplemental power to the USB ports
(when motherboard power is insufficient) providing up to 5V 3A/15W per USB Type-C port & 5V 0.9A/4.5W per USB
Type-A port
• COMPATIBILITY: USB C add-on card installs in full-profile PCIe 3.0 (x4 slot) desktop/server; lower performance
with PCI-e 2.0; Windows/Linux/macOS auto driver install (Windows 8 & up)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com