Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A2C2V Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB312A2C2V
Description  4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A2C2V Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB312A2C2V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2 - USB 3.2 Type-C (24 pin, Gen 2, 10Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
Windows Server 2008 R2, 2012 R2, 2016, 2019
Linux 3.5 and up - <i>LTS Versions only</i>
macOS Catalina (10.15)
macOS Mojave (10.14)<br/>macOS High Sierra (10.13)
macOS Big Sur (11.0)
macOS Monterey (12.0)
Environmental
Operating Temperature
0C to 70C (32F to 158F)
Storage Temperature
-20C to 80C (-4F to 176F)
Humidity
15~90% RH (Non-condensing)
Physical
Characteristics
Color
Red
Product Length
4.9 in [12.4 cm]
Product Width
4.8 in [12.2 cm]
Product Height
0.7 in [1.8 cm]
Weight of Product
2.8 oz [78.0 g]
Packaging
Information
Package Quantity
1
Package Length
6.9 in [17.5 cm]
Package Width
5.6 in [14.2 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
5.0 oz [141.0 g]
What's in the Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com