Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A2C2V Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB312A2C2V
Description  4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A2C2V Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB312A2C2V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 4Page - StarTech.com Ltd. PEXUSB312A2C2V Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C &
2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
Product ID: PEXUSB312A2C2V
This 4-port USB 3.2 Gen 2x1 (10Gbps) combo card makes it easy to add to the performance and connectivity of your
computer. The USB 3.2 card offers two USB Type-C port (10Gbps), and two traditional USB Type-A ports (10Gbps).
By offering two different USB port types, you can easily connect a variety of USB devices to your desktop computer.
Because the card offers 10Gbps USB ports, you can save time and avoid the performance bottlenecks that are often
associated with other connectivity technologies.
USB 3.2 Gen 2x1 (10Gbps) is also known as USB 3.1 Gen 2 (10Gbps).
This versatile PCI Express combo card leverages the performance potential of USB 3.2 Gen 2x1 (10Gbps) to help
you work faster. The USB ports offer a data throughput of up to 10Gbps, so you can spend less time waiting for file
transfers to complete or for access to your external peripherals.
Now you can easily add a variety of types and speeds (generations) of USB ports to your desktop or server, using a
single adapter card. The card features:
• Two external USB-C port (USB 10Gbps)
• Two external USB-A ports (USB 10Gbps)
With a range of port types, the card lets you bridge the gap between devices that use different connectors. You can
simultaneously connect and access USB Type-A and USB Type-C devices, while using only a single PCI Express
expansion slot.
By adding two types of USB ports in one combo card, you can free up space in your PC case, and eliminate the
nuisance of having different cards for different USB devices.
Connecting your older peripherals isn't a problem. This 4-port USB 3.2 card is backward compatible with legacy USB
3.0, 2.0 and 1.1 devices, so you can eliminate the added expense and aggravation of purchasing new devices.


Similar Part No. - PEXUSB312A2C2V

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
More results

Similar Description - PEXUSB312A2C2V

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U460-004-4A-G2 TRIPPLITE-U460-004-4A-G2 Datasheet
169Kb / 3P
USB 3.1 Gen 2 USB-C Hub, 10 Gbps - 4 USB-A Ports, Thunderbolt 3, Portable, Aluminum Housing
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
logo
AAEON Technology
PER-T499 AAEON-PER-T499 Datasheet
1,011Kb / 1P
2-Port USB 3.1 PCI-E [x4] Frame Grabber Card
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com