Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231TCPZ-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8231TCPZ-EP-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231TCPZ-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8231TCPZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8231-EP
Data Sheet
Rev. A | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Dynamic Performance
Bandwidth
G = 1
2.7
MHz
G = 2
2.5
MHz
Gain Bandwidth Product
G = 4 to 128
7
MHz
Slew Rate
1.1
V/µs
Output Characteristics
Output Voltage High
RL = 100 kΩ to ground
4.9
4.94
V
RL = 10 kΩ to ground
4.8
4.88
V
Output Voltage Low
RL = 100 kΩ to 5 V
60
100
mV
RL = 10 kΩ to 5 V
80
200
mV
Short-Circuit Current
70
mA
Digital Interface
Input Voltage Low
TA = −55°C to +125°C
1.0
V
Input Voltage High
TA = −55°C to +125°C
4.0
V
Setup Time to CS High
TA = −55°C to +125°C
50
ns
Hold Time after CS High
TA = −55°C to +125°C
20
ns
OPERATIONAL AMPLIFIER
Input Characteristics
Offset Voltage, VOS
5
15
µV
Temperature Drift
TA = −55°C to +125°C
0.01
0.06
µV/°C
Input Bias Current
250
500
pA
TA = −55°C to +125°C
5
nA
Input Offset Current
20
100
pA
TA = −55°C to +125°C
0.5
nA
Input Voltage Range
0.05
4.95
V
Open-Loop Gain
100
120
V/mV
Common-Mode Rejection Ratio
100
120
dB
Power Supply Rejection Ratio
100
110
dB
Voltage Noise Density
20
nV/√Hz
Voltage Noise
f = 0.1 Hz to 10 Hz
0.4
µV p-p
Dynamic Performance
Gain Bandwidth Product
1
MHz
Slew Rate
0.5
V/µs
Output Characteristics
Output Voltage High
RL = 100 kΩ to ground
4.9
4.96
V
RL = 10 kΩ to ground
4.8
4.92
V
Output Voltage Low
RL = 100 kΩ to 5 V
60
100
mV
RL = 10 kΩ to 5 V
80
200
mV
Short-Circuit Current
70
mA
BOTH AMPLIFIERS
Power Supply
Quiescent Current
4
5
mA
Quiescent Current (Shutdown)
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com