Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231TCPZ-EP-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8231TCPZ-EP-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231TCPZ-EP-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8231TCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8231-EP
Rev. A | Page 13 of 20
G = +8
G = +32
G = +128
10µs/DIV
20mV/DIV
Figure 27. Instrumentation Amplifier Small Signal Pulse Response, G = 4, 16,
and 128, RL = 2 kΩ, CL = 500 pF
10µs/DIV
0.001%/DIV
2V/DIV
3.95µs TO 0.01%
4µs TO 0.001%
Figure 28. Instrumentation Amplifier Large Signal Pulse Response,
G = 1, VS = 5 V
10µs/DIV
0.001%/DIV
2V/DIV
3.75µs TO 0.01%
3.8µs TO 0.001%
Figure 29. Instrumentation Amplifier Large Signal Pulse Response,
G = 8, VS = 5 V
100µs/DIV
0.001%/DIV
2V/DIV
17.6µs TO 0.01%
21.4µs TO 0.001%
Figure 30. Instrumentation Amplifier Large Signal Pulse Response,
G = 128, VS = 5 V
25
20
15
10
5
0
11k
100
10
GAIN (V/V)
0.001%
0.01%
Figure 31. Instrumentation Amplifier Settling Time vs.
Gain for a 4 V p-p Step, VS = 5 V
25
20
15
10
5
0
11k
100
10
GAIN (V/V)
0.001%
0.01%
Figure 32. Instrumentation Amplifier Settling Time vs.
Gain for a 2 V p-p Step, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com