Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231TCPZ-EP-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8231TCPZ-EP-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231TCPZ-EP-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8231TCPZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8231-EP
Rev. A | Page 5 of 20
VS = 3.0 V, VREF = 1.5 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
INSTRUMENTATION AMPLIFIER
Offset Voltage
VOS RTI = VOSI + VOSO/G
Input Offset, VOSI
4
15
µV
Average Temperature Drift
0.01
0.05
µV/°C
Output Offset, VOSO
15
30
µV
Average Temperature Drift
0.05
0.5
µV/°C
Input Currents
Input Bias Current
250
500
pA
TA = −55°C to +125°C
5
nA
Input Offset Current
20
100
pA
TA = −55°C to +125°C
0.5
nA
Gains
1, 2, 4, 8, 16, 32, 64, or 128
Gain Error
G = 1
0.05
%
G = 2 to 128
0.8
%
Gain Drift
TA = −55°C to +125°C
G = 1 to 32
3
10
ppm/°C
G = 64
4
20
ppm/°C
G = 128
10
30
ppm/°C
CMRR
G = 1
80
dB
G = 2
86
dB
G = 4
92
dB
G = 8
98
dB
G = 16
104
dB
G = 32
110
dB
G = 64
110
dB
G = 128
110
dB
Noise
en = √(eni2 + (eno/G)2)
VIN+, VIN− = 2.5 V, TA = 25°C
Input Voltage Noise, eni
f = 1 kHz
40
nV/√Hz
f = 1 kHz, TA = −55°C
35
nV/√Hz
f = 1 kHz, TA = 125°C
48
nV/√Hz
f = 0.1 Hz to 10 Hz
0.8
µV p-p
Output Voltage Noise, eno
f = 1 kHz
72
nV/√Hz
f = 1 kHz, TA = −55°C
62
nV/√Hz
f = 1 kHz, TA = 125°C
83
nV/√Hz
f = 0.1 Hz to 10 Hz
1.4
µV p-p
Current Noise
f = 10 Hz
20
fA/√Hz
Other Input Characteristics
Common-Mode Input Impedance
10||5
GΩ||pF
Power Supply Rejection Ratio
100
115
dB
Input Operating Voltage Range
0.05
2.95
V
Reference Input
Input Impedance
28
kΩ||pF
Voltage Range
−0.2
+3.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com