Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231TCPZ-EP-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8231TCPZ-EP-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231TCPZ-EP-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8231TCPZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD8231TCPZ-EP-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8231-EP
Rev. A | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
6 V
Output Short-Circuit Current
Indefinite1
Input Voltage (Common-Mode)
−VS − 0.3 V to +VS + 0.3 V
Differential Input Voltage
−VS − 0.3 V to +VS + 0.3 V
Storage Temperature Range
–65°C to +150°C
Operational Temperature Range
–55°C to +125°C
Package Glass Transition Temperature
130°C
ESD (Human Body Model)
1.5 kV
ESD (Charged Device Model)
1.5 kV
ESD (Machine Model)
0.2 kV
1
For junction temperatures between 105°C and 130°C, short-circuit operation
beyond 1000 hours can impact part reliability.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 5.
Thermal Pad
θJA
Unit
Soldered to Board
54
°C/W
Not Soldered to Board
96
°C/W
The θJA values in Table 5 assume a 4-layer JEDEC standard
board. If the thermal pad is soldered to the board, it is
also assumed it is connected to a plane. θJC at the exposed pad
is 6.3°C/W.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8231-EP is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 130°C, which is the glass transition
temperature, the plastic changes its properties. Even
temporarily exceeding this temperature limit may change the
stresses that the package exerts on the die, permanently shifting
the parametric performance of the amplifiers. Exceeding a
temperature of 130°C for an extended period can result in a loss
of functionality.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com