Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BRUZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4106BRUZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4106BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADF4106
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND1
–0.3 V to + 3.6 V
AVDD to DVDD
–0.3 V to + 0.3 V
VP to GND
–0.3 V to + 5.8 V
VP to AVDD
–0.3 V to + 5.8 V
Digital I/O Voltage to GND
–0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
–0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB to GND
–0.3 V to VDD + 0.3 V
RFINA to RFINB
±600 mV
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +125°C
Maximum Junction Temperature
150°C
TSSOP θJA Thermal Impedance
112°C/W
LFCSP θJA Thermal Impedance
(Paddle Soldered)
30.4°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Transistor Count
CMOS
6425
Bipolar
303
1
GND = AGND = DGND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION
Rev. F | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com