Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BRUZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4106BRUZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4106BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 10Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 11Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4106
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ
MAGS11
ANGS11
0.500
0.89148
–17.2820
0.600
0.88133
– 20.6919
0.700
0.87152
– 24.5386
0.800
0.85855
–27.3228
0.900
0.84911
–31.0698
1.000
0.83512
– 34.8623
1.100
0.82374
–38.5574
1.200
0.80871
–41.9093
1.300
0.79176
– 45.6990
1.400
0.77205
–49.4185
1.500
0.75696
–52.8898
1.600
0.74234
–56.2923
1.700
0.72239
–60.2584
1.800
0.69419
–63.1446
1.900
0.67288
–65.6464
2.000
0.66227
–68.0742
2.100
0.64758
–71.3530
2.200
0.62454
–75.5658
2.300
0.59466
–79.6404
2.400
0.55932
–82.8246
2.500
0.52256
–85.2795
2.600
0.48754
–85.6298
2.700
0.46411
–86.1854
2.800
0.45776
–86.4997
2.900
0.44859
–88.8080
3.000
0.44588
–91.9737
3.100
0.43810
–95.4087
3.200
0.43269
–99.1282
FREQ MAGS11 ANGS11
3.300
0.42777
–102.748
3.400
0.42859
–107.167
3.500
0.43365
–111.883
3.600
0.43849
–117.548
3.700
0.44475
–123.856
3.800
0.44800
–130.399
3.900
0.45223
–136.744
4.000
0.45555
–142.766
4.100
0.45313
–149.269
4.200
0.45622
–154.884
4.300
0.45555
–159.680
4.400
0.46108
–164.916
4.500
0.45325
–168.452
4.600
0.45054
–173.462
4.700
0.45200
–176.697
4.800
0.45043
178.824
4.900
0.45282
174.947
5.000
0.44287
170.237
5.100
0.44909
166.617
5.200
0.44294
162.786
5.300
0.44558
158.766
5.400
0.45417
153.195
5.500
0.46038
147.721
5.600
0.47128
139.760
5.700
0.47439
132.657
5.800
0.48604
125.782
5.900
0.50637
121.110
6.000
0.52172
115.400
FREQ UNIT
GHz KEYWORD
R
PARAM TYPE
S
IMPEDANCE 50
Ω
DATA FORMAT MA
Figure 5. S-Parameter Data for the RF Input
0
–30
–5
–10
–25
–20
–15
6
5
4
3
2
1
0
RF INPUT FREQUENCY (GHz)
VDD = 3V
VP = 3V
TA = +85°C
TA = –40°C
TA = +25°C
Figure 6. Input Sensitivity
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–2kHz
–1kHz
900MHz
1kHz
2kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
–93.0dBc/Hz
REF LEVEL = –14.3dBm
Figure 7. Phase Noise (900 MHz, 200 kHz, and 20 kHz)
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
100Hz
1MHz
FREQUENCY OFFSET FROM 900MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 0.36
°
Figure 8. Integrated Phase Noise (900 MHz, 200 kHz, and 20 kHz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–400kHz
–200kHz
900MHz
200kHz
400kHz
FREQUENCY
REF LEVEL = –14.0dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–91.0dBc/Hz
Figure 9. Reference Spurs (900 MHz, 200 kHz, and 20 kHz)
–83.5dBc/Hz
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–2kHz
–1kHz
5800MHz
1kHz
2kHz
FREQUENCY
REF LEVEL = –10dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
Figure 10. Phase Noise (5.8 GHz,1 MHz, and 100 kHz)
Rev. F | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com