Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BRUZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4106BRUZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4106BRUZ-R7 Datasheet HTML 15Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 16Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 17Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 18Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 19Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 20Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 21Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 22Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADF4106
APPLICATIONS
LOCAL OSCILLATOR FOR LMDS BASE STATION
TRANSMITTER
Figure 22 shows the ADF4106 being used with a VCO to
produce the LO for an LMDS base station.
The reference input signal is applied to the circuit at FREFIN
and, in this case, is terminated in 50 Ω. A typical base station
system would have either a TCXO or an OCXO driving the
reference input without any 50 Ω termination.
To achieve a channel spacing of 1 MHz at the output, the
10 MHz reference input must be divided by 10, using the
on-chip reference divider of the ADF4106.
The charge pump output of the ADF4106 (Pin 2) drives the
loop filter. In calculating the loop filter component values, a
number of items need to be considered. In this example, the
loop filter was designed so that the overall phase margin for
the system would be 45°.
Other PLL system specifications include:
KD = 2.5 mA
KV = 80 MHz/V
Loop Bandwidth = 50 kHz
FPFD = 1 MHz
N = 5800
Extra Reference Spur Attenuation = 10 dB
These specifications are needed and used to derive the loop
filter component values shown in Figure 22.
The circuit in Figure 22 shows a typical phase noise
performance of −83.5 dBc/Hz at 1 kHz offset from the carrier.
Spurs are better than −62 dBc.
The loop filter output drives the VCO, which in turn is fed
back to the RF input of the PLL synthesizer and also drives the
RF output terminal. A T-circuit configuration provides 50 Ω
matching between the VCO output, the RF output, and the RFIN
terminal of the synthesizer.
In a PLL system, it is important to know when the system
is in lock. In Figure 22, this is accomplished by using the
MUXOUT signal from the synthesizer. The MUXOUT pin
can be programmed to monitor various internal signals in the
synthesizer. One of these is the LD or lock-detect signal.
ADF4106
CE
CLK
DATA
LE
1000pF
1000pF
REFIN
100pF
CP
MUXOUT
100pF
1.5nF
20pF
100pF
51
Ω
6.2k
Ω
4.3k
Ω
100pF
18
Ω
NOTE
DECOUPLING CAPACITORS (0.1
µF/10pF) ON AV
DD, DVDD, AND
VP OF THE ADF4106 AND ON VCC OF THE V956ME03 HAVE
BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
RSET
RFINA
RFINB
AVDD DVDD VP
FREFIN
VDD
VP
LOCK
DETECT
VCC
V956ME03
1, 3, 4, 5, 7, 8,
9, 11, 12, 13
18
Ω
18
Ω
100pF
RFOUT
5.1k
Ω
7
15
16
8
2
14
6
5
1
9
4
3
14
2
10
51
Ω
Figure 22. Local Oscillator for LMDS Base Station
Rev. F | Page 19 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com