Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BRUZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4106BRUZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4106BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 10Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 11Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 12Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 13Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 14Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 15Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 16Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADF4106
Table 7. Reference Counter Latch Map
LDP
0
1
ABP2
ABP1
0
0
2.9ns
0
1
1.3ns
1
0
6.0ns
1
1
2.9ns
R14
R13
R12
..........
R3
R2
R1
0
0
0
..........
0
0
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
X = DON’T CARE
DB20 DB19
DB18 DB17 DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0)
C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
ABP1
ABP2
T1
T2
LDP
DB21
DB22
DB23
0
0
X
RESERVED
TEST
MODE BITS
ANTI-
BACKLASH
WIDTH
14-BIT REFERENCE COUNTER
CONTROL
BITS
DIVIDE RATIO
ANTIBACKLASH PULSE WIDTH
TEST MODE BITS
SHOULD BE SET
TO 00 FOR NORMAL
OPERATION.
OPERATION
THREE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
FIVE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
BOTH OF THESE BITS
MUST BE SET TO 0 FOR
NORMAL OPERATION.
Rev. F | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com