Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4208BRUZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4208BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208BRUZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADF4208BRUZ-R7 Datasheet HTML 1Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 5 of 24
TIMING SPECIFICATIONS
VDD1 = VDD2 = 3 V ± 10%, 5 V ± 10%; VDD1, VDD2 ≤ VP1, VP2 ≤ 6.0 V; AGNDRF1 = DGNDRF1 = AGNDRF2 = DGNDRF2 = 0 V;
TA = TMIN to TMAX, unless otherwise noted; dBm referred to 50 Ω.
Table 2.
Parameter1
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLK setup time
t2
10
ns min
DATA to CLK hold time
t3
25
ns min
CLK high duration
t4
25
ns min
CLK low duration
t5
10
ns min
CLK to LE setup time
t6
20
ns min
LE pulse width
1 Guaranteed by design but not production tested.
TIMING DIAGRAM
DB0 (LSB)
(CONTROL BIT C1)
CLK
DB21 (MSB)
DB20
DB2
DATA
LE
LE
t3
t4
t2
t5
t1
t6
DB1
(CONTROL BIT C2)
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com