Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4208BRUZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4208BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208BRUZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4208BRUZ-R7 Datasheet HTML 12Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 13Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 14Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 15Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 16Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 17Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 18Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 19Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 16 of 24
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P9
P13
CONTROL
BITS
14-BIT REFERENCE COUNTER, R
DB21
RF1 REFERENCE COUNTER LATCH
P10
P11
R14
R13
R12
..........
R3
R2
R1
DIVIDE RATIO
0
0
0
..........
0
0
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
P9
PD POLARITY
0NEGATIVE
1POSITIVE
P13
ICP
01.25 mA
1
4.375 mA
P4
P3
P12
P11
FROM RF2 R LATCH
MUXOUT
0
0
0
0
LOGIC LOW STATE
0
0
0
1
RF2 ANALOG LOCK DETECT
0
X
1
0
RF2 REFERENCE DIVIDER OUTPUT
0
X
1
1
RF2 N DIVIDER OUTPUT
0
1
0
0
RF1 ANALOG LOCK DETECT
0
1
0
1
RF1/RF2 ANALOG LOCK DETECT
1
X
0
0
RF1 REFERENCE DIVIDER
1
X
0
1
RF1 N DIVIDER
1
0
1
0
FAST LOCK OUTPUT SWITCH ON
AND CONNECTED TO MUXOUT
1
0
1
1
RF2 COUNTER RESET
1
1
1
0
RF1 COUNTER RESET
1
1
1
1
RF2 AND RF1 COUNTER RESET
P12
P10
CHARGE PUMP OUTPUT
0NORMAL
1
THREE-STATE
Figure 30. RF1 Reference Counter Latch Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com