Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4208BRUZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4208BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208BRUZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADF4208BRUZ-R7 Datasheet HTML 1Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4208BRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual RF PLL Frequency Synthesizers
ADF4206/ADF4208
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
ADF4206: 550 MHz/550 MHz
ADF4208: 2.0 GHz/1.1 GHz
2.7 V to 5.5 V power supply
Selectable charge pump supply (VP) allows extended
tuning voltage in 3 V systems
Selectable charge pump currents
On-chip oscillator circuit
Selectable dual modulus prescaler
RF2: 32/33 or 64/65
RF1: 32/33 or 64/65
3-wire serial interface
Power-down mode
APPLICATIONS
Wireless handsets (GSM, PCS, DCS, CDMA, WCDMA)
Base stations for wireless radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless LANS
Communications test equipment
CATV equipment
GENERAL DESCRIPTION
The ADF420x family of dual frequency synthesizers are used
to implement local oscillators in the upconversion and down-
conversion sections of wireless receivers and transmitters. Each
synthesizer consists of a low noise, digital, phase frequency detector
(PFD); a precision charge pump; a programmable reference
divider; programmable A and B counters; and a dual modulus
prescaler (P/P + 1). The A (6-bit) and B (11-bit) counters, in
conjunction with the dual modulus prescaler (P/P + 1), implement
an N divider (N = BP + A). In addition, the 14-bit reference
counter (R counter) allows selectable REFIN frequencies at the
PFD input. The on-chip oscillator circuitry allows the reference
input to be derived from crystal oscillators.
A complete phase-locked loop (PLL) can be implemented if the
synthesizers are used with an external loop filter and voltage
controlled oscillators (VCOs).
Control of all the on-chip registers is via a simple 3-wire
interface. The devices operate with a power supply ranging
from 2.7 V to 5.5 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
CLK
DATA
LE
22-BIT
DATA
REGISTER
MUXOUT
ADF4206/ADF4208
CPRF1
CPRF2
PHASE
COMPARATOR
OUTPUT
MUX
14-BIT RF2
R-COUNTER
OSCIN
RF1INA
RF1INB
V
DD1
V
DD2
V
P1
V
P2
AGND
RF1
DGND
RF1
DGND
RF2
AGND
RF2
SDOUT
RF2
PRESCALER
RF2INA
11-BIT RF2
B-COUNTER
6-BIT RF2
A-COUNTER
RF2INB
OSCOUT
N= BP + A
CHARGE
PUMP
RF2
LOCK
DETECT
14-BIT RF1
R-COUNTER
RF1
PRESCALER
11-BIT RF1
B-COUNTER
6-BIT RF1
A-COUNTER
N=BP +A
RF1
LOCK
DETECT
PHASE
COMPARATOR
CHARGE
PUMP
Figure 1.


Similar Part No. - ADF4208BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4208BRU AD-ADF4208BRU Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
More results

Similar Description - ADF4208BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com