Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV320U07M2WS Datasheet(PDF) 2 Page - Schneider Electric

Part # ATV320U07M2WS
Description  Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, enclosed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07M2WS Datasheet(HTML) 2 Page - Schneider Electric

  ATV320U07M2WS Datasheet HTML 1Page - Schneider Electric ATV320U07M2WS Datasheet HTML 2Page - Schneider Electric ATV320U07M2WS Datasheet HTML 3Page - Schneider Electric ATV320U07M2WS Datasheet HTML 4Page - Schneider Electric ATV320U07M2WS Datasheet HTML 5Page - Schneider Electric ATV320U07M2WS Datasheet HTML 6Page - Schneider Electric ATV320U07M2WS Datasheet HTML 7Page - Schneider Electric ATV320U07M2WS Datasheet HTML 8Page - Schneider Electric ATV320U07M2WS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Analogue output type
Software-configurable current AQ1: 0...20 mA impedance 800 Ohm, resolution 10 bits
Software-configurable voltage AQ1: 0...10 V DC impedance 470 Ohm, resolution 10 bits
Relay output type
Configurable relay logic R1A 1 NO electrical durability 100000 cycles
Configurable relay logic R1B 1 NC electrical durability 100000 cycles
Configurable relay logic R1C
Configurable relay logic R2A 1 NO electrical durability 100000 cycles
Configurable relay logic R2C
Maximum switching current
Relay output R1A, R1B, R1C on resistive load, cos phi = 1: 3 A at 250 V AC
Relay output R1A, R1B, R1C on resistive load, cos phi = 1: 3 A at 30 V DC
Relay output R1A, R1B, R1C, R2A, R2C on inductive load, cos phi = 0.4 and L/R = 7 ms: 2 A at 250 V
AC
Relay output R1A, R1B, R1C, R2A, R2C on inductive load, cos phi = 0.4 and L/R = 7 ms: 2 A at 30 V
DC
Relay output R2A, R2C on resistive load, cos phi = 1: 5 A at 250 V AC
Relay output R2A, R2C on resistive load, cos phi = 1: 5 A at 30 V DC
Minimum switching current
Relay output R1A, R1B, R1C, R2A, R2C: 5 mA at 24 V DC
Method of access
Slave CANopen
4 quadrant operation possible
True
Asynchronous motor control
profile
Voltage/frequency ratio, 5 points
Flux vector control without sensor, standard
Voltage/frequency ratio - Energy Saving, quadratic U/f
Flux vector control without sensor - Energy Saving
Voltage/frequency ratio, 2 points
Synchronous motor control
profile
Vector control without sensor
Maximum output frequency
0.599 kHz
Transient overtorque
170…200 % of nominal motor torque
Acceleration and deceleration
ramps
Linear
U
S
CUS
Ramp switching
Acceleration/deceleration ramp adaptation
Acceleration/deceleration automatic stop with DC injection
Motor slip compensation
Automatic whatever the load
Adjustable 0...300 %
Not available in voltage/frequency ratio (2 or 5 points)
Switching frequency
2...16 kHz adjustable
4...16 kHz with derating factor
Nominal switching frequency
4 kHz
Braking to standstill
By DC injection
Brake chopper integrated
True
Line current
4 A at 200 V (heavy duty)
8.4 A at 240 V (heavy duty)
Maximum input current
0.4166666666666667 A
Maximum output voltage
240 V
Apparent power
2.0 kVA at 240 V (heavy duty)
Network frequency
50...60 Hz
Relative symmetric network
frequency tolerance
5 %
Prospective line Isc
1 kA
Base load current at high
overload
1.9 A
Power dissipation in W
Self-cooled: 45.0 W at 200 V, switching frequency 4 kHz
With safety function Safely
Limited Speed (SLS)
True
With safety function Safe brake
management (SBC/SBT)
False
With safety function Safe
Operating Stop (SOS)
False
2
Jan 6, 2022



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com