Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV320U07M2WS Datasheet(PDF) 4 Page - Schneider Electric

Part # ATV320U07M2WS
Description  Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, enclosed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07M2WS Datasheet(HTML) 4 Page - Schneider Electric

  ATV320U07M2WS Datasheet HTML 1Page - Schneider Electric ATV320U07M2WS Datasheet HTML 2Page - Schneider Electric ATV320U07M2WS Datasheet HTML 3Page - Schneider Electric ATV320U07M2WS Datasheet HTML 4Page - Schneider Electric ATV320U07M2WS Datasheet HTML 5Page - Schneider Electric ATV320U07M2WS Datasheet HTML 6Page - Schneider Electric ATV320U07M2WS Datasheet HTML 7Page - Schneider Electric ATV320U07M2WS Datasheet HTML 8Page - Schneider Electric ATV320U07M2WS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Speed accuracy
+/- 10 % of nominal slip 0.2 Tn to Tn
Pollution degree
3
Ambient air transport
temperature
-25…70 °C
Ambient air temperature for
operation
-10…40 °C without derating
40…60 °C with derating factor
Ambient air temperature for
storage
-25…70 °C
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
7.5 kg
Package 1 Height
24 cm
Package 1 width
30.5 cm
Package 1 Length
45 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
Upgradeability
Upgraded components available
4
Jan 6, 2022



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com