Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV320U07M2WS Datasheet(PDF) 3 Page - Schneider Electric

Part # ATV320U07M2WS
Description  Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, enclosed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07M2WS Datasheet(HTML) 3 Page - Schneider Electric

  ATV320U07M2WS Datasheet HTML 1Page - Schneider Electric ATV320U07M2WS Datasheet HTML 2Page - Schneider Electric ATV320U07M2WS Datasheet HTML 3Page - Schneider Electric ATV320U07M2WS Datasheet HTML 4Page - Schneider Electric ATV320U07M2WS Datasheet HTML 5Page - Schneider Electric ATV320U07M2WS Datasheet HTML 6Page - Schneider Electric ATV320U07M2WS Datasheet HTML 7Page - Schneider Electric ATV320U07M2WS Datasheet HTML 8Page - Schneider Electric ATV320U07M2WS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
With safety function Safe
Position (SP)
False
With safety function Safe
programmable logic
False
With safety function Safe Speed
Monitor (SSM)
False
With safety function Safe Stop 1
(SS1)
True
With sft fct Safe Stop 2 (SS2)
False
With safety function Safe torque
off (STO)
True
With safety function Safely
Limited Position (SLP)
False
With safety function Safe
Direction (SDI)
False
Protection type
Input phase breaks: drive
Overcurrent between output phases and earth: drive
Overheating protection: drive
Short-circuit between motor phases: drive
Thermal protection: drive
Width
250 mm
Height
340 mm
Depth
182.0 mm
Net weight
5.5 kg
Environment
Operating position
Vertical +/- 10 degree
Product certifications
CE
ATEX
NOM
GOST
EAC
RCM
KC
Marking
CE
ATEX
UL
CSA
EAC
RCM
Standards
EN/IEC 61800-5-1
Electromagnetic compatibility
Electrostatic discharge immunity test level 3 conforming to IEC 61000-4-2
Radiated radio-frequency electromagnetic field immunity test level 3 conforming to IEC 61000-4-3
Electrical fast transient/burst immunity test level 4 conforming to IEC 61000-4-4
1.2/50 µs - 8/20 µs surge immunity test level 3 conforming to IEC 61000-4-5
Conducted radio-frequency immunity test level 3 conforming to IEC 61000-4-6
Voltage dips and interruptions immunity test conforming to IEC 61000-4-11
Environmental class (during
operation)
Class 3C3 according to IEC 60721-3-3
Class 3S2 according to IEC 60721-3-3
Maximum acceleration under
shock impact (during operation)
150 m/s² at 11 ms
Maximum acceleration under
vibrational stress (during
operation)
10 m/s² at 13...200 Hz
Maximum deflection under
vibratory load (during
operation)
1.5 mm at 2...13 Hz
Permitted relative humidity
(during operation)
Class 3K5 according to EN 60721-3
Overvoltage category
III
Regulation loop
Adjustable PID regulator
Jan 6, 2022
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com