Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV320U07M2WS Datasheet(PDF) 1 Page - Schneider Electric

Part # ATV320U07M2WS
Description  Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, enclosed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07M2WS Datasheet(HTML) 1 Page - Schneider Electric

  ATV320U07M2WS Datasheet HTML 1Page - Schneider Electric ATV320U07M2WS Datasheet HTML 2Page - Schneider Electric ATV320U07M2WS Datasheet HTML 3Page - Schneider Electric ATV320U07M2WS Datasheet HTML 4Page - Schneider Electric ATV320U07M2WS Datasheet HTML 5Page - Schneider Electric ATV320U07M2WS Datasheet HTML 6Page - Schneider Electric ATV320U07M2WS Datasheet HTML 7Page - Schneider Electric ATV320U07M2WS Datasheet HTML 8Page - Schneider Electric ATV320U07M2WS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Specifications
Variable speed drive, Altivar
Machine ATV320, 0.75 kW,
200...240 V, 1 phase, enclosed
ATV320U07M2WS
Main
Range of product
Altivar Machine ATV320
Product or component type
Variable speed drive
Product specific application
Complex machines
Variant
With disconnect switch
Format of the drive
Enclosed
Mounting mode
Wall mount
Communication port protocol
Modbus serial
CANopen
Option card
Communication module, CANopen
Communication module, EtherCAT
Communication module, Profibus DP V1
Communication module, Profinet
Communication module, Ethernet Powerlink
Communication module, EtherNet/IP
Communication module, DeviceNet
[Us] rated supply voltage
200...240 V - 15...10 %
Nominal output current
4.8 A
Motor power kW
0.75 kW for heavy duty
EMC filter
Class C2 EMC filter integrated
IP degree of protection
IP65
Complementary
Discrete input number
7
Discrete input type
STO safe torque off, 24 V DC, impedance: 1.5 kOhm
DI1...DI6 logic inputs, 24 V DC (30 V)
DI5 programmable as pulse input: 0…30 kHz, 24 V DC (30 V)
Discrete input logic
Positive logic (source)
Negative logic (sink)
Discrete output number
3
Discrete output type
Open collector DQ+ 0…1 kHz 30 V DC 100 mA
Open collector DQ- 0…1 kHz 30 V DC 100 mA
Analogue input number
3
Analogue input type
AI1 voltage: 0...10 V DC, impedance: 30 kOhm, resolution 10 bits
AI2 bipolar differential voltage: +/- 10 V DC, impedance: 30 kOhm, resolution 10 bits
AI3 current: 0...20 mA (or 4-20 mA, x-20 mA, 20-x mA or other patterns by configuration), impedance:
250 Ohm, resolution 10 bits
Analogue output number
1
 
Jan 6, 2022
1


Similar Part No. - ATV320U07M2WS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATV320U07M2W SCHNEIDER-ATV320U07M2W Datasheet
207Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, enclosed
Jan 6, 2022
More results

Similar Description - ATV320U07M2WS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATV320U02M2C SCHNEIDER-ATV320U02M2C Datasheet
211Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.18 kW, 200...240 V, 1 phase, compact
May 14, 2021
ATV320U04M2C SCHNEIDER-ATV320U04M2C Datasheet
211Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.37 kW, 200...240 V, 1 phase, compact
May 14, 2021
ATV320U07M2C SCHNEIDER-ATV320U07M2C Datasheet
212Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, compact
May 14, 2021
ATV320U15M2C SCHNEIDER-ATV320U15M2C Datasheet
218Kb / 10P
Variable speed drive, Altivar Machine ATV320, 1.5 kW, 200...240 V, 1 phase, compact
May 14, 2021
ATV320U15M2W SCHNEIDER-ATV320U15M2W Datasheet
192Kb / 10P
Variable speed drive, Altivar Machine ATV320, 1.5 kW, 200...240 V, 1 phase, enclosed
Sep 21, 2021
ATV320U02M2W SCHNEIDER-ATV320U02M2W Datasheet
493Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.18 kW, 200...240 V, 1 phase, enclosed
Apr 17, 2023
ATV320U04M2C SCHNEIDER-ATV320U04M2C_V01 Datasheet
224Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.37 kW, 200...240 V, 1 phase, compact
Jan 11, 2022
ATV320U04M2W SCHNEIDER-ATV320U04M2W Datasheet
493Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.37 kW, 200...240 V, 1 phase, enclosed
Apr 17, 2023
ATV320U07M2B SCHNEIDER-ATV320U07M2B Datasheet
233Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, book
Jan 12, 2022
ATV320U07M2C SCHNEIDER-ATV320U07M2C_V01 Datasheet
224Kb / 10P
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, compact
Jan 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com