Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-01-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP197ACBZ-01-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-01-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP197ACBZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 9Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 10Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 11Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADP197
Data Sheet
Rev. C | Page 10 of 13
THEORY OF OPERATION
GND
EN
VIN
VOUT
ADP197
ADP197-02
ONLY
CHARGE PUMP
AND SLEW RATE
CONTROL
OVERTEMPERATURE
PROTECTION
Figure 25. Functional Block Diagram
The ADP197 is a high-side NMOS load switch, controlled by an
internal charge pump. The ADP197 is designed to operate with
power supply voltages between 1.8 V and 5.5 V.
An internal charge pump biases the NMOS switch to achieve a
relatively constant, ultralow on resistance of 12 mΩ across the
entire input voltage range. The use of the internal charge pump
also allows for controlled turn-on times. Turning the NMOS
switch on and off is controlled by the enable input pin (EN), which
is capable of interfacing directly with 1.8 V logic signals.
The ADP197 is capable of 3 A of continuous operating current
as long as TJ is less than 70°C. At 85°C, the rated current drops
to 2.22 A.
The overtemperature protection circuit activates if the load cur-
rent causes the junction temperature to exceed 125°C. When
this occurs, the overtemperature protection circuitry disables
the output until the junction temperature falls below approximately
110°C, at which point the output is reenabled. If the fault condition
persists, the output cycles off and on until the fault is removed.
The ADP197-02 incorporates a QOD circuit to discharge the
output capacitance when the ADP197-02 output is disabled.
ESD protection structures are shown in the block diagram as Zener
diodes.
The ADP197 is a low quiescent current device with a nominal
4 MΩ pull-down resistor on its EN pin. The package is a space-
saving 1.0 mm × 1.5 mm, 0.5 mm pitch, 6-ball WLCSP and a
tiny 2.0 mm × 2.0 mm × 0.55 mm, 0.65 mm pitch, 6-lead LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com