Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-01-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP197ACBZ-01-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-01-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP197ACBZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 9Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 10Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 11Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADP197
Rev. C | Page 11 of 13
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP197 is designed for operation with small, space-saving
ceramic capacitors but functions with most commonly used capa-
citors when the effective series resistance (ESR) value is carefully
considered. The ESR of the output capacitor affects the response
to load transients. A typical 1 μF capacitor with an ESR of 0.1 Ω
or less is recommended for good transient response. Using a larger
value of output capacitance improves the transient response to
large changes in load current.
Input Bypass Capacitor
Connecting at least 1 μF of capacitance from VIN to GND reduces
the circuit sensitivity to the printed circuit board (PCB) layout,
especially when high source impedance or long input traces are
encountered. When greater than 1 μF of output capacitance is
required, increase the input capacitor to match it.
GROUND CURRENT
The major source for ground current in the ADP197 is the internal
charge pump for the FET drive circuitry. Figure 26 shows the
typical ground current when VEN = VIN, and varies from 1.8 V
to 5.5 V.
0
5
10
15
20
25
30
35
40
45
50
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
50mA
100mA
200mA
500mA
1000mA
3000mA
Figure 26. Ground Current vs. Input Voltage (VIN), Different Load Currents
ENABLE FEATURE
The ADP197 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 27,
when a rising voltage (VEN) on the EN pin crosses the active
threshold, VOUT turns on. When a falling voltage (VEN) on
the EN pin crosses the inactive threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.2
0.4
0.6
0.8
1.0
1.2
ENABLE VOLTAGE (V)
VEN FALLING
VEN RISING
VOUT AT 3.6V
Figure 27. Typical EN Operation
As shown in Figure 27, the EN pin has hysteresis built into it.
This built-in hysteresis prevents on/off oscillations that can
occur due to noise on the EN pin as it passes through the
threshold points.
The EN pin active and inactive thresholds derive from the VIN
voltage; therefore, these thresholds vary with the changing input
voltage. Figure 28 shows the typical EN active and inactive
thresholds when the input voltage varies from 1.8 V to 5.5 V.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.82.22.63.03.43.8
4.24.65.05.4
INPUT VOLTAGE (V)
EN RISE
EN FALL
Figure 28. Typical EN Threshold vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com