Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-01-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP197ACBZ-01-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-01-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP197ACBZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 9Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 10Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 11Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADP197
Data Sheet
Rev. C | Page 12 of 13
TIMING
Turn-on delay is defined as the interval between the time that
VEN exceeds the rising threshold voltage and when VOUT rises to
~10% of its final value. The ADP197 includes circuitry that has a
typical 1 ms turn-on delay and a controlled rise time to limit the
VIN inrush current. As shown in Figure 29 and Figure 30, the turn-
on delay is nearly independent of the input voltage.
CH1 100mA
CH3 2V
CH2 1V
M1.00ms
A CH3
1.28V
3
1
2
T 10.20%
B
W
B
W
Ω
B
W
CH1 AMPL
204mA
ILOAD
VOUT
VEN
Figure 29. Typical Turn-On Delay Time with VIN = 1.9 V, ILOAD = 200 mA
3
2
1
CH1 AMPL
222mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 30. Typical Turn-On Delay Time with VIN = 5.5 V, ILOAD = 220 mA
The rise time is defined as the time it takes the output voltage to
rise from 10% to 90% of VOUT reaching its final value. It is depen-
dent on the rise time of the internal charge pump.
For very large values of output capacitance, the RC time constant
(where C is the load capacitance (CLOAD) and R is the RDSON||RLOAD)
can become a factor in the rise time of the output voltage. Because
RDSON is much smaller than RLOAD, an adequate approximation
for RC is RDSON × CLOAD. An input or load capacitor is not
required for the ADP197 although capacitors can be used to
suppress noise on the board. Figure 31 and Figure 32 show the
inrush current when CLOAD is 100 μF.
3
2
1
CH1 AMPL
266mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 31. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 1.9 V, ILOAD = 270 mA
3
2
1
CH1 AMPL
352mA
CH1 200mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 32. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 5.5 V, ILOAD = 350 mA
The turn-off time is defined as the time it takes for the output
voltage to fall from 90% to 10% of VOUT reaching its final value. It
is also dependent on the RC time constant of the output capacit-
ance and load resistance. Figure 33 shows the typical turn-off
time with VIN = 3.6 V, COUT = 1 μF, and RLOAD = 18 Ω.
CH1 1V
CH2 1V
M20µs
A CH1
240mV
1
2
T 20.20%
B
W
B
W
VEN
VOUT
Figure 33. Typical Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com