Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-01-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP197ACBZ-01-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-01-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP197ACBZ-01-R7 Datasheet HTML 1Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 2Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 3Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 4Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
5 V, 3 A Logic Controlled
High-Side Power Switch
Data Sheet
ADP197
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low RDSON of 12 mΩ
Low input voltage range: 1.8 V to 5.5 V
Quick output discharge (QOD) circuit (ADP197-02)
3 A continuous operating current at 70°C
1.2 V logic-compatible enable input
Low 18 μA quiescent current, VIN < 3 V
Low 31 μA quiescent current, VIN = 4.2 V
Overtemperature protection
Ultralow shutdown current: <1 μA
Ultrasmall 1.0 mm × 1.5 mm, 0.5 mm pitch, 6-ball WLCSP
Tiny 2.0 mm × 2.0 mm × 0.55 mm, 0.65 mm pitch, 6-lead LFCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATIONS CIRCUIT
GND
EN
LOAD
VIN
VOUT
ADP197
ADP197-02
ONLY
CHARGE PUMP
AND SLEW RATE
CONTROL
OFF
ON
+
–
OVERTEMPERATURE
PROTECTION
Figure 1.
GENERAL DESCRIPTION
The ADP197 is a high-side load switch designed for operation
between 1.8 V and 5.5 V. This load switch provides power domain
isolation, which helps extend battery operation. The device
contains a low on-resistance, N-channel MOSFET that supports
more than 3 A of continuous current and minimizes power loss.
The low 18 μA quiescent current and ultralow shutdown current
make the ADP197 ideal for battery-operated portable equipment.
The built-in level shifter for enable logic makes the ADP197
compatible with many processors and GPIO controllers.
Overtemperature protection circuitry activates if the junction
temperature exceeds 125°C, thereby protecting itself and
downstream circuits from potential damage.
The ADP197-02 incorporates an internal quick output
discharge (QOD) circuit to discharge the output capacitance
when the ADP197-02 output is disabled
In addition to operating performance, the ADP197 WLCSP
package occupies minimal printed circuit board (PCB) space
with an area of less than 1.5 mm2 and a height of 0.60 mm.
The ADP197 is available in an ultrasmall 1.0 mm × 1.5 mm,
0.5 mm pitch, 6-ball WLCSP and a 2.0 mm × 2.0 mm ×
0.55 mm, 0.65 mm pitch, 6-lead LFCSP.


Similar Part No. - ADP197ACBZ-01-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197ACBZ-R7 AD-ADP197ACBZ-R7 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
More results

Similar Description - ADP197ACBZ-01-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com