Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4701 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD4701
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4701 Datasheet(HTML) 2 Page - STMicroelectronics

  SD4701 Datasheet HTML 1Page - STMicroelectronics SD4701 Datasheet HTML 2Page - STMicroelectronics SD4701 Datasheet HTML 3Page - STMicroelectronics SD4701 Datasheet HTML 4Page - STMicroelectronics SD4701 Datasheet HTML 5Page - STMicroelectronics SD4701 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Val ue
Unit
Min.
Typ.
Max.
COB
f
= 1 MHz
VCB
= 26 V
For Information Only - This Device is Collector Matched
—55
—
pF
PIN
f
= 960 MHz VCE = 26 V
ICQ
= 200 mA POUT = 45 W
—
5
6.3
W
POUT
f
= 960 MHz VCE = 26 V
ICQ
= 200 mA PIN = 6.3 W
45
55
—
W
GP
f
= 960 MHz VCE = 26 V
ICQ
= 200 mA POUT = 45 W
8.5
9.5
—
dB
ηcf = 960 MHz V
CE
= 26 V
ICQ
= 200 mA POUT = 45 W
50
55
—
%
Load
Mismatch
f
= 960 MHz VCE = 26 V
ICQ
= 200 mA POUT = 45 W
VSWR
= 5:1 MIN. @ All Phase Angles
No Degradation in
Device Performance
OVD
f
= 960 MHz VCE = 26 V
ICQ
= 200 mA
Set POUT
= 45 W; Increase PIN 3dB
No Degradation in
Device Performance
*IMD3
VCE
= 26 V
POUT
= 46.5 dBm (45.0W) PEP
ICQ
= 200 mA
—
−32
—
dBT**
*N ote:
f1 = 900.00MHz @ 40.5dBm
** dBT, i n dB , ref er enced to tone level
f2 = 900.01MHz @ 40.5dBm
STATIC
Symbol
Test Conditions
Val ue
Unit
Min.
Typ.
Max.
BVCBO
IC
= 60 mA
IE
= 0mA
60
—
—
V
BVCEO
IC
= 60 mA
IB
= 0mA
30
—
—
V
BVCER
IC
= 60 mA
RBE
= 75 Ω
40
—
—
V
BVEBO
IE
= 10 mA
IC
= 0mA
3.5
—
—
V
ICER
VCE
= 26 V
RBE
= 75 Ω
——
15
mA
hFE
VCE
= 10 V
IC
= 1 A
15
—
100
—
DYNAMIC
SD4701
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com