Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4701 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4701
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4701 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4701 Datasheet HTML 1Page - STMicroelectronics SD4701 Datasheet HTML 2Page - STMicroelectronics SD4701 Datasheet HTML 3Page - STMicroelectronics SD4701 Datasheet HTML 4Page - STMicroelectronics SD4701 Datasheet HTML 5Page - STMicroelectronics SD4701 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CELLULAR BASE STATION APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 400 x .425 6LFL (M169)
epoxy sealed
.
DESIGNED FOR CLASS AB LINEAR
OPERATION
.
COMMON EMITTER
.
INTERNAL INPUT/OUTPUT MATCHING
.
26 VOLT, 960 MHz PERFORMANCE:
POUT
= 45 W MIN.
GAIN
= 8.5 dB MIN.
COLLECTOR EFFICIENCY 50% MIN.
.
INHERENT RUGGEDNESS:
LOAD MISMATCH TOLERANCE OF
5:1 MIN. VSWR
3 dB OVERDRIVE CAPABILITY
DESCRIPTION
PIN CONNECTION
BRANDING
SD4701
ORDER CODE
SD4701
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
30
V
VCER
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
10
A
PDISS
Power Dissipation
145
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.2
°C/W
SD4701
1. Collector
3. Emitter
2. Base
THERMAL DATA
May 1993
1/6


Similar Part No. - SD4701

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD470-500-0471H WINCHESTER-SD470-500-0471H Datasheet
97Kb / 1P
MMCX STRAIGHT PLUG FOR .047 SEMI-RIGID CABLE
More results

Similar Description - SD4701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1423 STMICROELECTRONICS-SD1423 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
22-Aug-1996
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Aug-1992
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
STMicroelectronics
2SD1391 STMICROELECTRONICS-2SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
logo
Advanced Power Technolo...
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com