Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4701 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD4701
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4701 Datasheet(HTML) 5 Page - STMicroelectronics

  SD4701 Datasheet HTML 1Page - STMicroelectronics SD4701 Datasheet HTML 2Page - STMicroelectronics SD4701 Datasheet HTML 3Page - STMicroelectronics SD4701 Datasheet HTML 4Page - STMicroelectronics SD4701 Datasheet HTML 5Page - STMicroelectronics SD4701 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C1, C2
: 1.3 pF ATC 100B Chip Capacitor
C3, C7
: 430 pF ATC 100B Chip Capacitor
C4, C5
: 0.6 - 4.5 pF Johanson Variable Capacitor
C6
: 0.7 pF ATC 100B Chip Capacitor
C8
: 470 pF ATC 100B Chip Capacitor
C9, C12
: 221 pF ATC 100B Chip Capacitor
C10, C11 : 47
µF, 50V, Electrolytic Capacitor
L1
: 5 Turns #22 AWG 0.16” I.D. 1T:1 Air Choke
R1 + Fb
: 11
Ω 1⁄8W Resistor + FB VK-200
R3
: 11
Ω 1⁄8W Resistor
R4
: 100
Ω 1⁄8W Resistor
P1
: 1k
Ω, 1 Turn Potentiometer
Board Material: 1 oz
= 2 sides, Thickness 31.25 mils, Er = 2.55
TEST CIRCUIT
TEST CIRCUIT PHOTOMASTER
SD4701
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com