Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4701 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD4701
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4701 Datasheet(HTML) 4 Page - STMicroelectronics

  SD4701 Datasheet HTML 1Page - STMicroelectronics SD4701 Datasheet HTML 2Page - STMicroelectronics SD4701 Datasheet HTML 3Page - STMicroelectronics SD4701 Datasheet HTML 4Page - STMicroelectronics SD4701 Datasheet HTML 5Page - STMicroelectronics SD4701 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
860 MHz
960 MHz
ZCL
ZIN
860 MHz
960 MHz
Normalized to 10 ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
860 MHz
5.20 + j 6.70
5.20
− j 4.45
870 MHz
5.15 + j 6.20
5.15
− j 4.50
880 MHz
5.05 + j 5.70
5.10
− j 4.55
890 MHz
5.00 + j 5.15
4.90
− j 4.80
900 MHz
4.95 + j 4.80
4.80
− j 5.10
915 MHz
4.95 + j 4.50
4.50
− j 5.20
930 MHz
4.95 + j 4.40
4.00
− j 4.90
945 MHz
4.90 + j 4.25
3.85
− j 4.65
960 MHz
4.80 + j 4.10
3.70
− j 4.35
VCE
= 26V
POUT
= 45W
ICQ
= 200mA
RL < 10dB
SD4701
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com