Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPFS2AW Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # CFPFS2AW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPFS2AW Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button CFPFS2AW Datasheet HTML 2Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 3Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 4Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 5Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 6Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 7Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 8Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 9Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
6
< Previous Page Table of Contents Next Page >
Faceplates (continued)
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
French Faceplates
CFPFF2AW
45mm x 45mm adapter with one 1/2-size flat module insert accepts
two Mini-Com™ Modules.
1
1
CFPFS2AW
45mm x 45mm adapter with one 1/2-size sloped module insert
accepts two Mini-Com™ Modules.
1
1
CFPFS2SAW
45mm x 45mm adapter with one 1/2-size sloped shuttered module
insert accepts up to two Mini-Com™ Modules.
1
1
CFPFLS1SAW
45mm x 45mm adapter with one-port sloped shuttered module with
labels and icon slots. Accepts a single Mini-Com™ Module.
1
1
CFPFLS2SAW
45mm x 45mm adapter with two-port sloped shuttered module with
labels and icon slots. Accepts up to two Mini-Com™ Modules.
1
1
CFP45LS2SAW
45mm x 45mm adapter with one 1/2-size sloped shuttered
module insert with label and label cover. Accepts up to two
Mini-Com™ Modules.
1
1
French Adapter
CFA1SAW-X
Accepts a single Mini-Com™ Module, 22.5mm x 45mm
shuttered adapter.
10
50
Italian Faceplates
CFPH2IW
Single gang horizontal faceplate accepts two Mini-Com™ Modules.
1
1
CFPHS2IW
Single gang, sloped horizontal faceplate accepts two
Mini-Com™ Modules.
1
1
CFPH4IW
Single gang horizontal faceplate accepts four Mini-Com™ Modules.
1
1
CFPHSL4IW
Single gang sloped horizontal faceplate accepts four
Mini-Com™ Modules. Includes label and label cover.
1
1
Italian Adapters
CGAGY-X
Adapter holds one Mini-Com™ Module in a Gewiss Playbus*
Series Facepplate.
10
50
CBTAL1BL-X
Adapter label pocket accepts one Mini-Com™ Module for
Bticino** Living International series faceplates.
10
50
CBTA1BL-X
Adapter accepts one Mini-Com™ Module for
Bticino** Living International series faceplates.
10
50
CBTAL1WH-X
Adapter with label pocket accepts one Mini-Com™ Module for
Bticino** Light series faceplates.
10
50
CBTA1WH-X
Adapter accepts one Mini-Com™ Module for
Bticino** Light series faceplates.
10
50
Denmark Faceplates
CFPDS2SEWY
Danish 77.1mm x 50.4mm faceplate with one 1/2-size sloped
shuttered module insert holds up to two Mini-Com™ Modules.
Supplied with label and label cover.
1
10
CFPDPS2SEW
Denmark faceplate with one 1/2-size sloped shuttered insert holds
up to two Mini-Com™ Modules. Supplied with label and label cover.
1
10
CHLKCLS2SEW
Mini-Com™ Faceplate for use with LK Clic’Line^ Series faceplate
snaps to LK back box. Includes one 1/2-size sloped shuttered insert
that hold up to two Mini-Com™ Modules.
1
10
CFD66S2SEW
Mini-Com™ 2-position Sloped Shuttered OPUS 66^^ Adapter holds
up to two Mini-Com™ Modules. Compatible with in-wall and surface
mount installations.
1
10
CFPFLS1SAW
CFPDPS2SEW
*Playbus is a trademark of Gewiss S,p.
**Living International and Light are trademarks of Bticino S.p.A.
^Clic’Line is a trademark of Schneider Electric.
^^OPUS 66 is a trademark of Schneider Electric.
CFPH4AW
CBTAL1WH-X
CFPFF2AW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com