Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPFS2AW Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # CFPFS2AW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPFS2AW Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button CFPFS2AW Datasheet HTML 3Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 4Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 5Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 6Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 7Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 8Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 9Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 10Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
7
Network Infrastructure for the Enterprise
< Previous Page Table of Contents Next Page >
Fiber Patch Cords and Pigtails
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Opti-Core™ Fiber Optic Patch Cords
FX2ELLNLNSNM002 2-fiber OM3 10 GbE LC duplex to LC duplex patch cord, LSZH,
1.6mm jacketed cable, 2m.
1
10
FX2ELLNLNSNM003 2-fiber OM3 10 GbE LC duplex to LC duplex patch cord, LSZH,
1.6mm jacketed cable, 3m.
1
10
F92ELLNLNSNM002 2-fiber OS2 LC duplex to LC duplex patch cord, LSZH, 1.6mm
jacketed cable, 2m.
1
10
F92ELLNLNSNM003 2-fiber OS2 LC duplex to LC duplex patch cord, LSZH, 1.6mm
jacketed cable, 3m.
1
10
FX23LSNSNSNM002 2-fiber OM3 10 GbE SC duplex to SC duplex patch cord, LSZH,
3mm jacketed cable, 2m.
1
10
FX23LSNSNSNM003 2-fiber OM3 10 GbE SC duplex to SC duplex patch cord, LSZH,
3mm jacketed cable, 3m.
1
10
F923LSNSNSNM002 2-fiber OS2 SC duplex to SC duplex patch cord, LSZH, 3mm
jacketed cable, 2m.
1
10
F923LSNSNSNM003 2-fiber OS2 SC duplex to SC duplex patch cord, LSZH, 3mm
jacketed cable, 3m.
1
10
FX2ELLNLNSNM005 2-fiber OM3 10 GbE LC duplex to LC duplex patch cord, LSZH,
1.6mm jacketed cable, 5m.
1
10
FX1BN1NNNSNM001 1-fiber OM3, 900μm buffered fiber, LC to pigtail with no jacket, 1m.
1
10
F91BN1NNNSNM001 1-fiber OS2, 900μm buffered fiber, LC to pigtail with no jacket, 1m.
1
10
Length in meters. 1, 2, 3, 5, and 10 meter lengths. Contact Panduit customer service for additional lengths.
FX1BN1NNNSNM001
FX2ELLNLNSNM***
Fiber Connectors
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
OptiCam™ Pre-Polished Connectors
FLCSMCXAQY
LC 50/125μm OM3/OM4 multimode simplex connector, Aqua boot.
1
10
FLCSSCBUY
LC 9/125μm singlemode simplex fiber optic connector for 900μm.
1
10
OptiCam™ Field Polished Connectors
FSCMCXAQ
SC 50/125μm OM2/OM3/OM4 duplex connector, Aqua boot.
1
10
FSCSBU
SC 9/125μm OS2 singlemode simplex connector, Blue boot.
1
10
FLCSMCXAQY
FSCSCBU
Fiber Optic Cable
Part Number
Description
UOM MOQ
Indoor/Outdoor Cable
FPCL912
12-fiber OS2 singlemode LSZH indoor/outdoor cable.
M
1000
FPCL924
24-fiber OS2 singlemode LSZH indoor/outdoor cable.
M
1000
FQCLX08
8-fiber OM3 10 GbE multimode LSZH indoor/outdoor cable.
M
1000
FQCLX122
12-fiber OM3 10 GbE multimode LSZH indoor/outdoor cable.
M
1000
FPCL***
FQCL***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com