Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPFS2AW Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # CFPFS2AW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPFS2AW Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button CFPFS2AW Datasheet HTML 4Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 5Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 6Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 7Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 8Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 9Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 10Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 11Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
11
Network Infrastructure for the Enterprise
< Previous Page Table of Contents Next Page >
Tools
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
EGJT
TG jack termination tool.
1
—
TGJT
TG jack termination tool, for high-volume installations.
1
—
CJAST
Copper cable jacket stripper.
1
1
CWST
Copper wire snips.
1
1
PDT110
110 punchdown tool.
1
1
CBOT24K
Cable bundle organizing tool.
1
10
FIELDKIT
Field polish fiber optic termination kit for all field polish connectors.
1
—
FCAMKIT
OptiCam™ Termination Kit for pre-polished connectors.
1
1
MPT5-8AS
Crimp tool for TX6™ PLUS and Pan-Plug™ Modular Plugs.
1
1
EGJT
TGJT
FCAMKIT
Security Devices
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-LCAB-AQ
LC duplex adapter blockout device, ten devices (Blue) and one
removal tool (Aqua).
1
20
PSL-LCAB-BU
LC duplex adapter blockout device, ten devices (Blue) and one
removal tool (Black).
1
20
FLCCLIW-X
LC patch plug lock-in device, ten devices and one removal tool.
10
100
PSL-DCJB-BL
Jack module blockout device, ten block-outs (Black) and one
removal tool (Black).
1
20
PSL-DCJB-BU
Jack module blockout device, ten block-outs (Blue) and one
removal tool (Black).
1
20
PSL-DCJB
Jack module blockout device, ten block-outs (Red) and one
removal tool (Black).
1
20
PSL-DCPLRX-BL
Recessed RJ45 plug lock-in device, ten devices (Black) and one
installation/removal tool (Black).
1
20
PSL-DCPLRX-BU
Recessed RJ45 plug lock-in device, ten devices (Blue) and one
installation/removal tool (Black).
1
20
PSL-DCPLRX
Recessed RJ45 plug lock-in device, ten devices (Red) and one
installation/removal tool (Black).
1
20
PSL-LCAB-BU
PSL-DCJB
PSL-DCPLRX
FLCCLIW-X
Labeling
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
LS8EQ-KIT
Panduit® PanTher™ Hand-Held Label Printing System in kit.
Includes LS8EQ printer with QWERTY keypad, one cassette of
S100X150VAC self-laminating labels, six AA alkaline batteries,
LS8E-ACS, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick
reference card and operator’s manual. USE FOR LABELS THAT
MUST BE PRINTED ON THE JOB SITE.
1
1
UILS8BW
Ultimate ID™ Label Cassette.
1
10
C252X030FJC
Modular patch panel (CP) adhesive label cassette.
1
10
S100X150VAC
P1 cassette, self-laminating label, vinyl, 1.00" W x 1.50" H, 0.50"
POA, Clear/White.
1
10
R100X150V1C
Turn-Tell™ Patch Cord Label Cassette.
1
10
LS8EQ-KIT
R100X150V1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com