Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPFS2AW Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # CFPFS2AW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPFS2AW Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button CFPFS2AW Datasheet HTML 4Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 5Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 6Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 7Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 8Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 9Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 10Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 11Page - PANDUIT CORP. CFPFS2AW Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
8
Fiber Enclosures
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FMT1
1 RU Rack Mount Fiber Tray.
1
1
FMT1A
1 RU Angled Rack Mount Fiber Tray.
1
1
FMT1A
FMT1
< Previous Page Table of Contents Next Page >
Fiber Adapter Panels
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Fiber Adapter Panels
FAP12WAQDLCZ
LC OM3/OM4 FAP with twelve LC 10 GbE duplex multimode fiber
optic adapters (Aqua) with zirconia ceramic split sleeves.
1
1
FAP12WBUDLCZ
LC OS2 FAP with twelve LC duplex singlemode fiber optic adapt-
ers (Blue) with zirconia ceramic split sleeves.
1
1
FAPB
Blank FAP
1
1
FAP12WAQDLCZ
Racks, Shelves and Accessories
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Racks
R2P
2 post rack, 45 RU, with threaded rails.
1
1
R4PCN
4 post rack, 45 RU with cage nut rails, 760mm deep.
1
1
Rack Accessories
S1224-C
#12-24 screws.
100 1000
CNWS1224-C
#12-24 cage nut with screws.
100 1000
CNWSM6-C
M6 cage nut with screws.
100 1000
R2PPDUB
PDU mounting kit, suits 2 post rack and 4 post rack.
1
1
TLBP1S-V
Tool-less blanking panel, 1 RU, suit cage nut holes.
5
5
CPAF1BLY
Blanking panel, angled, 1 RU.
1
1
PZLRB4U
4 RU ladder rack bracket. Bracket fits Wyr-Grid® Overhead
Cable Tray.
1
1
CUFMB24BL
Raised floor consolidation point enclosure, accepts Mini-Com®
Modules, with removable grommet plate.
1
1
NVPDUB
PDU brackets for switch cabinet (pack of 2).
1
1
SRB19BLY
Strain relief bar, extended 2".
1
1
CMPHF1
1 RU horizontal panel d-rings, front only.
1
1
CMPHHF1
1 RU horizontal panel d-rings, high density, front only.
1
1
Shelves
SRM19FM1
1 RU front mount shelf, 480mm deep.
1
1
RSHLF
1 RU front and rear mount shelf, 760mm deep.
1
1
R4PCN
CUFMB24BL
RM19FM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com